PART |
Description |
Maker |
STM32F103T8U7 STM32F103V8 STM32F103RB |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
STMicroelectronics
|
STM32F103V8 STM32F103RBU6TR STM32F103RBU6XXX STM32 |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics http://
|
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
TDN5-4815WI TDN5-4821WI TDN5-0910WI TDN5-0912WI TD |
The power density of high performance DC/DC converters.
|
TRACO Electronic AG
|
STM32F100C4H6B STM32F100C4H6BTR STM32F100C4H7B STM |
Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU
|
STMicroelectronics
|
ATA663454-14 |
LIN SBC including LIN Transceiver
|
ATMEL Corporation
|
QL6325 QL6325_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL7180 QL7180_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL8025 QL8050 QL8250 QL8325 QL8150 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM 低功耗FPGA配合力性能密度和嵌入式内存
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
FMMT589 FMMT589TA |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23 30V PNP MEDIUM POWER HIGH PERFORMANCE TRANSISTOR IN SOT23
|
Diodes Incorporated
|
MP174565 |
High performance Medium Prismatic cell
|
saftbatteries
|
MP144350 |
High performance Medium Prismatic cell
|
saftbatteries
|